Part Number Hot Search : 
NJM2890R SP9502JS 133BZC SK53B SP101 PZ3064 UMG9NTR BTA43
Product Description
Full Text Search
 

To Download BAT54CW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
ook, halfpage
M3D088
BAT54W series Schottky barrier (double) diodes
Product specification Supersedes data of October 1993 1996 Mar 19
Philips Semiconductors
Product specification
Schottky barrier (double) diodes
FEATURES * Low forward voltage * Guard ring protected * Very small SMD package. APPLICATIONS * Ultra high-speed switching * Voltage clamping * Protection circuits * Blocking diodes. DESCRIPTION Planar Schottky barrier diodes encapsulated in a SOT323 very small plastic SMD package. Single diodes and double diodes with different pinning are available. MARKING TYPE NUMBER BAT54W BAT54AW BAT54CW BAT54SW MARKING CODE L4 42 43 44
1 3 2 n.c.
MLC357
BAT54W series
PINNING BAT54 PIN W 1 2 3 a n.c. k AW k1 k2 CW a1 a2 SW a1 k2 k1, a2 Fig.3
handbook, 2 columns
1 2
MLC360
3
a1, a2 k1, k2
3
BAT54AW diode configuration (symbol).
3
1 Top view
Fig.1
2
1 2
MLC359
MBC870
Simplified outline (SOT323) and pin configuration.
Fig.4
BAT54CW diode configuration (symbol).
3 1 2
MLC358
Fig.2
BAT54W single diode configuration (symbol).
Fig.5
BAT54SW diode configuration (symbol).
1996 Mar 19
2
Philips Semiconductors
Product specification
Schottky barrier (double) diodes
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL Per diode VR IF IFRM IFSM Ptot Tstg Tj Tamb continuous reverse voltage continuous forward current repetitive peak forward current non-repetitive peak forward current total power dissipation (per package) storage temperature junction temperature operating ambient temperature tp 1 s; 0.5 tp < 10 ms Tamb 25 C PARAMETER CONDITIONS
BAT54W series
MIN.
MAX.
UNIT
- - - - - -65 - -65
30 200 300 600 200 +150 125 +125
V mA mA mA mW C C C
ELECTRICAL CHARACTERISTICS Tamb = 25 C unless otherwise specified. SYMBOL Per diode VF forward voltage see Fig.6 IF = 0.1 mA IF = 1 mA IF = 10 mA IF = 30 mA IF = 100 mA IR trr reverse current reverse recovery time VR = 25 V; note 1; see Fig.7 when switched from IF = 10 mA to IR = 10 mA; RL = 100 ; measured at IR = 1 mA: see Fig.9 f = 1 MHz; VR = 1 V; see Fig.8 240 320 400 500 800 2 5 mV mV mV mV mV A ns PARAMETER CONDITIONS MAX. UNIT
Cd Note
diode capacitance
10
pF
1. Pulsed test: tp = 300 s; = 0.02. THERMAL CHARACTERISTICS SYMBOL Rth j-a Note 1. Refer to SOT323 standard mounting conditions. PARAMETER thermal resistance from junction to ambient note 1 CONDITIONS VALUE 625 UNIT K/W
1996 Mar 19
3
Philips Semiconductors
Product specification
Schottky barrier (double) diodes
GRAPHICAL DATA
BAT54W series
MSA892
10 3 handbook, halfpage IF (mA) 10
2 (1) (2) (3)
10 3 IR (A) 10 2
(2) (1)
MSA893
10
10
1
(1)
(2)
(3)
1
(3)
10 1
10 1
0 0.4 0.8 VF (V) 1.2
0 (1) Tamb = 125 C. (2) Tamb = 85 C. (3) Tamb = 25 C.
10
20
VR (V)
30
(1) Tamb = 125 C. (2) Tamb = 85 C. (3) Tamb = 25 C.
Fig.6
Forward current as a function of forward voltage; typical values.
Fig.7
Reverse current as a function of reverse voltage; typical values.
15 Cd (pF)
MSA891
handbook, halfpage I
F
10
dI F dt
5
10% t Qr 90%
0 0 10 20 30
V R (V)
IR
tf
MRC129 - 1
f = 1 MHz; Tamb = 25 C.
Fig.8
Diode capacitance as a function of reverse voltage; typical values.
Fig.9 Reverse recovery definitions.
1996 Mar 19
4
Philips Semiconductors
Product specification
Schottky barrier (double) diodes
PACKAGE OUTLINE
BAT54W series
handbook, full pagewidth
2.2 1.8
A
1.35 1.15
B
X
0.25 0.10 2.2 2.0 0.2 M B
3
0.2 1.0 0.8 0.1 0.0 1.1 max
1
0.65
0.40 0.30
2
0.2 M A detail X 0.3 0.1
MBC871
1.3
Dimensions in mm.
Fig.10 SOT323.
DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
1996 Mar 19
5


▲Up To Search▲   

 
Price & Availability of BAT54CW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X